PART |
Description |
Maker |
M38259EFDFP M38258E4-FP M38258E4-FS M38258E4-GP M3 |
3825 Series Microcontrollers: On-Chip Segment LCDDrivers with A-D Converter RAM size: 1536 bytes; single-chip 8-bit CMOS microcomputer RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
M38503E4SS M38503MXH M37516RSS M38504E6FP M38504E6 |
RAM size:768 bytes; single-chip 8-bit CMOS microcomputer RAM size:896 bytes; single-chip 8-bit CMOS microcomputer RAM size:192 bytes; single-chip 8-bit CMOS microcomputer RAM size:256 bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-Bit CMOS Microcomputer 3850 Series Microcontrollers: General Purpose with A/D Converter RAM size:1536 bytes; single-chip 8-bit CMOS microcomputer RAM size:640 bytes; single-chip 8-bit CMOS microcomputer RAM size:384 bytes; single-chip 8-bit CMOS microcomputer RAM size:512 bytes; single-chip 8-bit CMOS microcomputer RAM size:1024 bytes; single-chip 8-bit CMOS microcomputer RAM size:2048 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M30201MXT-XXXSP M30201MX-XXXFP M30201M4 M30201M2T |
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Single chip 16-bit CMOS microcomputer. RAM size 512 (byte), ROM size 16K (byte) Single chip 16-bit CMOS microcomputer. RAM size 1K (byte), ROM size 32K (byte)
|
Mitsubishi Electric Corporation
|
3850GROUP E3850G M38503E4SS M38503E4SP M38503E6-XX |
RAM size:2048 bytes; single-chip 8-bit microcomputer Single Chip 8-Bit CMOS Microcomputer From old datasheet system SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER RAM size:1536 bytes; single-chip 8-bit microcomputer
|
Mitsubishi Electric Corporation
|
HMS91C7134 |
ROM/RAM size: 32 K/512 bytes, 4.5-5.5 V , 12 MHz,8-bit single-chip microcontroller
|
Hynix Semiconductor
|
CY7C60413-16LKXC CY7C60413-16LKXCT |
enCoRe(TM) V Low Voltage Microcontroller; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 1 KB 8-BIT, FLASH, 25.2 MHz, MICROCONTROLLER, QCC16 enCoRe(TM) V Low Voltage Microcontroller; Core: M8C; Code Memory Architecture: Flash; Code Memory Size: 8 KB; RAM size: 1 KB
|
Cypress Semiconductor, Corp. CYPRESS SEMICONDUCTOR CORP
|
71M6545H |
Four-Quadrant Metering, Phase Metrology Processors Flash/RAM Size
|
Maxim Integrated Products
|
SG25664A |
GRAPHIC LCD MODULE display format: 16x4; module size: 180x65x9.7; viewing size: 134.0x40.4; character size: 7.97x7.97; dot size: 0.47x0.47; controller: ST7920;
|
SUNLIKE
|
V850E1 V850E_SV2 V850E_IA1 V850E_IA2 V850E_IA3 V85 |
V850E/IA2 Flash product ROM: 128 KB, RAM: 6 KB V850E/IA2 Mask product ROM: 128 KB, RAM: 6 KB V850E/IA3 Flash product ROM: 256 KB, RAM: 12 KB ROM-less version; Internal RAM: 4K bytes 32-bit RISC single-chip microcontroller V850E/SV2 V850E/IA4 Flash memory product ROM: 256 KB, RAM: 12 KB 32-Bit Microprocessor Core
|
NEC[NEC]
|
UPD4265400G5-A50 UPD4265400G5-A60 UPD4265400G5-A70 |
2M x 8 Static RAM 256K x 4 Static RAM x4快速页面模式的DRAM 512K x 32 Static RAM x4快速页面模式的DRAM 3.3V 16K/32K x 36 FLEx36™ Synchronous Dual-Port Static RAM x4快速页面模式的DRAM x4 Fast Page Mode DRAM x4快速页面模式的DRAM 512K x 24 Static RAM x4快速页面模式的DRAM 2-Mbit (128K x 16) Static RAM x4快速页面模式的DRAM 128K x 8 Static RAM 128K的8静态RAM x4FastPageModeDRAM
|
Elpida Memory, Inc. EPCOS AG STMicroelectronics N.V. NEC, Corp.
|
HYB5116400BJ-50-60 Q67100-Q1087 HYB3116400BJ HYB31 |
Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 4米4位动态随机存储器2k 4M×4-Bit Dynamic RAM(4M×4动RAM) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
http:// SIEMENS AG
|
DV20211 |
CHARACTER LCD MODULE display format: 20x2; module size: 182.5x60.0x20.0; viewing size: 147.0x35.2; dot size: 0.65x0.65; character size: 5.9x12.7;
|
Data International CO.LTD.
|